|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN VX-2 Series Power MOSFET N-Channel Enhancement type 2SK2186 (F10V50VX2) 500V 10A FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The APPLICATION *oe Switching power supply of AC 100V input OUTLINE DIMENSIONS Case : E-pack Case : TO-220 (Unit : mm) *oe High voltage power supply *oe Inverter RATINGS *oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Storage Temperature Tstg Channel Temperature Tch Drain-Source Voltage VDSS Gate-Source Voltage VGSS Continuous Drain Current* DC*j i ID Continuous Drain Current* Peak) i IDP Continuous Source Current* DC*j i IS Total Power Dissipation PT Single Pulse Avalanche Current IAS Tch= 25*Z Mounting Torque TOR * i Recommended torque : 0.3Nm *j Ratings -55*150 150 500 *}30 10 30 10 60 10 0.5 Unit *Z V A W A N* * E Copyright & Copy;2000 Shindengen Electr VX-2 Series Power MOSFET Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions 2SK2186 ( F10V50VX2 ) Min. 500 Typ. Max. 250 0.1 2.4 2.5 6.3 0.8 3.0 Unit V A ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 5A, VDS = 10V ID = 5A, VGS = 10V ID = 1mA, VDS = 10V IS = 5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 5A VDS = 10V, VGS = 0V, f = 1MHZ ID = 5A, VGS = 10V, RL = 30 30 890 70 200 70 140 S 1.0 3.5 V 1.5 2.08 / nC pF 110 220 ns Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd 2SK2186 20 Tc = -55C Transfer Characteristics 25C 15 Drain Current ID [A] 100C 150C 10 5 VDS = 25V pulse test TYP 0 5 10 15 20 0 Gate-Source Voltage VGS [V] 2SK2186 10 Static Drain-Source On-state Resistance Static Drain-Source On-state Resistance RDS(ON) [] ID = 5A 1 0.1 VGS = 10V pulse test TYP -50 0 50 100 150 Case Temperature Tc [C] 2SK2186 6 Gate Threshold Voltage 5 Gate Threshold Voltage VTH [V] 4 3 2 1 VDS = 10V ID = 1mA TYP -50 0 50 100 150 0 Case Temperature Tc [C] 2SK2186 100 Safe Operating Area 10 Drain Current ID [A] 100s 200s 1 R DS(ON) limit 1ms 10ms 0.1 DC Tc = 25C Single Pulse 0.01 1 10 100 1000 Drain-Source Voltage VDS [V] 2SK2186 Transient Thermal Impedance 10 1 Transient Thermal Impedance jc(t) [C/W] 0.1 0.01 10-4 10-3 10-2 10-1 100 101 Time t [s] 2SK2186 10000 Capacitance Capacitance Ciss Coss Crss [pF] 1000 Ciss Coss 100 Crss f=1MHz Tc=25C TYP 10 0 20 40 60 80 100 Drain-Source Voltage VDS [V] 2SK2186 100 Power Derating 80 Power Derating [%] 60 40 20 0 0 50 100 150 Case Temperature Tc [C] 2SK2186 500 Gate Charge Characteristics 20 VDS Drain-Source Voltage VDS [V] 15 VDD = 400V 300 200V 100V 200 10 VGS 5 100 ID = 10A TYP 0 0 10 20 30 40 0 50 Gate Charge Qg [nC] Gate-Source Voltage VGS [V] 400 |
Price & Availability of 2SK2186 |